Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160H Datasheet(PDF) 11 Page - STMicroelectronics

Part # IPS160H
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IPS160H Datasheet HTML 7Page - STMicroelectronics IPS160H Datasheet HTML 8Page - STMicroelectronics IPS160H Datasheet HTML 9Page - STMicroelectronics IPS160H Datasheet HTML 10Page - STMicroelectronics IPS160H Datasheet HTML 11Page - STMicroelectronics IPS160H Datasheet HTML 12Page - STMicroelectronics IPS160H Datasheet HTML 13Page - STMicroelectronics IPS160H Datasheet HTML 14Page - STMicroelectronics IPS160H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IPS160H
Electrical characteristics
DocID027563 Rev 2
11/26
Table 8: Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.8
V
VIH
Input high level voltage
2.2
VI(HYST)
Input hysteresis voltage
0.4
IIN
Input current
VCC = VIN = 36 V
200
μA
VCC = VIN = 60 V
550
Table 9: Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vclamp
VCC active clamp
ICC = 10 mA
65.5
68.5
71.5
V
Vdemag
Demagnetization
voltage
IOUT = 0.5 A; load =1
mH
VCC-71.5
VCC-68.5
VCC-65.5
VOLoff
Open load (off-state)
or short to VCC
detection threshold
2
4
tBKT
Open load blanking
time
200
μs
VDIAG
Voltage drop on
DIAG
IDIAG = 4 mA
1
V
IDIAG
DIAG pin leakage
current
VCC
≤ 36 V
80
μA
36 V ˂ VCC ≤ 60 V
180
ILIM
Output current
limitation
VCC
≤ 32 V, RLOAD ≤
10 mΩ
2.6
4.3
A
tcoff
Cut-off current delay
time
Programmable by the
external capacitor on
CoD pin. Cut-off is
disabled when CoD
pin is connected to
GND through 1 kΩ
resistor.
TJ
˂ TJSD
50xCCOD[nf] ± 35%(1)
μs
tres
Output stage restart
delay time
TJ
˂ TJSD
32xtcoff
[μs]± 40%
TJSD
Junction temperature
shutdown
150
170
190
°C
TJHYST
Junction temperature
thermal hysteresis
15
Notes:
(1)The formula is guaranteed in the range 10 nF ≤ CCOD ≤ 100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com