Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 3Page - STMicroelectronics L6599AF Datasheet HTML 4Page - STMicroelectronics L6599AF Datasheet HTML 5Page - STMicroelectronics L6599AF Datasheet HTML 6Page - STMicroelectronics L6599AF Datasheet HTML 7Page - STMicroelectronics L6599AF Datasheet HTML 8Page - STMicroelectronics L6599AF Datasheet HTML 9Page - STMicroelectronics L6599AF Datasheet HTML 10Page - STMicroelectronics L6599AF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DocID028175 Rev 3
7/32
L6599AF
Pin connection
32
13
N.C.
high voltage spacer. The pin is not internally connected to isolate the high voltage pin and
ease compliance with safety regulations (creepage distance) on the PCB.
14
OUT
High-side gate-drive floating ground. Current return for the high-side gate-drive current.
Layout carefully the connection of this pin to avoid too large spikes below ground.
15
HVG
High-side floating gate-drive output. The driver is capable of 0.3 A min. source and 0.7 A
min. sink peak current to drive the upper MOSFET of the half bridge leg. A resistor internally
connected to pin 14 (OUT) ensures that the pin is not floating during UVLO.
16
VBOOT
High-side gate-drive floating supply voltage. The bootstrap capacitor connected between
this pin and pin 14 (OUT) is fed by an internal synchronous bootstrap diode driven in-phase
with the low-side gate drive. This patented structure replaces the normally used external
diode.
Table 2. Pin description (continued)
Pin no.
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com