Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 7Page - STMicroelectronics L6599AF Datasheet HTML 8Page - STMicroelectronics L6599AF Datasheet HTML 9Page - STMicroelectronics L6599AF Datasheet HTML 10Page - STMicroelectronics L6599AF Datasheet HTML 11Page - STMicroelectronics L6599AF Datasheet HTML 12Page - STMicroelectronics L6599AF Datasheet HTML 13Page - STMicroelectronics L6599AF Datasheet HTML 14Page - STMicroelectronics L6599AF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID028175 Rev 3
11/32
L6599AF
Electrical characteristics
32
Low-side gate driver (voltages referred to GND)
VLVGL
Output low voltage
Isink = 200 mA
1.8
V
VLVGH
Output high voltage
Isource = 5 mA
12.8
13.3
V
Isourcepk
Peak source current
-0.3
A
Isinkpk
Peak sink current
0.7
A
tf
Fall time
30
ns
tr
Rise time
60
ns
UVLO saturation
Vcc = 0 to VccOn,
Isink = 2 mA
1.1
V
High-side gate driver (voltages referred to OUT)
VLVGL
Output low voltage
Isink = 200 mA
1.8
V
VLVGH
Output high voltage
Isource = 5 mA
12.8
13.3
V
Isourcepk
Peak source current
-0.3
A
Isinkpk
Peak sink current
0.7
A
tf
Fall time
30
ns
tr
Rise time
60
ns
HVG-OUT pull-down
25
k
1.
Values tracking each other.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com