Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 15Page - STMicroelectronics L6599AF Datasheet HTML 16Page - STMicroelectronics L6599AF Datasheet HTML 17Page - STMicroelectronics L6599AF Datasheet HTML 18Page - STMicroelectronics L6599AF Datasheet HTML 19Page - STMicroelectronics L6599AF Datasheet HTML 20Page - STMicroelectronics L6599AF Datasheet HTML 21Page - STMicroelectronics L6599AF Datasheet HTML 22Page - STMicroelectronics L6599AF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID028175 Rev 3
19/32
L6599AF
Application information
32
Typically, RSS and CSS are selected based on the following relationships:
Equation 5
where fstart is recommended to be at least 4 times fmin. The proposed criterion for CSS is
quite empirical and is a compromise between an effective soft-start action and an effective
OCP (see next section). Please refer to the timing diagram of Figure 10 to see some
significant signals during the soft-start phase.
6.4
Current sense, OCP and OLP
The resonant half bridge is essentially voltage-mode controlled; therefore a current sense
input only serves as an overcurrent protection (OCP).
Unlike PWM-controlled converters, where energy flow is controlled by the duty cycle of the
primary switch (or switches), in a resonant half bridge the duty cycle is fixed and energy flow
is controlled by its switching frequency. This impacts on the way current limitation can be
realized. While in PWM-controlled converters energy flow can be limited simply by
terminating switch conduction beforehand when the sensed current exceeds a preset
threshold (this is commonly known as cycle-by-cycle limitation), in a resonant half bridge the
switching frequency, that is, its oscillator frequency must be increased and this cannot be
done as quickly as turning off a switch: it takes at least the next oscillator cycle to see the
frequency change. This implies that, to have an effective increase able to change the
energy flow significantly, the rate of change of the frequency must be slower than the
frequency itself. This, in turn, implies that cycle-by-cycle limitation is not feasible and that,
therefore, the information on the primary current fed to the current sensing input must be
somehow averaged. Of course, the averaging time must not be too long to prevent the
primary current from reaching too high values.
In Figure 11 a couple of current sensing methods are illustrated and are described in the
following. The circuit of Figure 11 a is simpler but the dissipation on the sense resistor Rs
might not be negligible, damaging efficiency; the circuit of Figure 11 b is more complex but
virtually lossless and recommended when the efficiency target is very high.
SS
3
SS
min
start
min
SS
R
10
3
C
;
1
f
f
RF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com