Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 12Page - STMicroelectronics L6599AF Datasheet HTML 13Page - STMicroelectronics L6599AF Datasheet HTML 14Page - STMicroelectronics L6599AF Datasheet HTML 15Page - STMicroelectronics L6599AF Datasheet HTML 16Page - STMicroelectronics L6599AF Datasheet HTML 17Page - STMicroelectronics L6599AF Datasheet HTML 18Page - STMicroelectronics L6599AF Datasheet HTML 19Page - STMicroelectronics L6599AF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Application information
L6599AF
16/32
DocID028175 Rev 3
Figure 7. Burst mode implementation: a) narrow input voltage range; b) wide input voltage range
Essentially, RFmax defines the switching frequency fmax above which the L6599AF enters
burst mode operation. Once fmax is fixed, RFmax is found from the relationship:
Equation 3
Note that, unlike the fmax considered in the previous section (Section 6.1: Oscillator), here
fmax is associated to some load PoutB greater than the minimum one. PoutB is such that the
transformer peak currents are low enough not to cause audible noise.
Resonant converter switching frequency, however, depends also on the input voltage;
therefore, in the case of quite a large input voltage range with the circuit of Figure 7a, the
value of PoutB would change considerably. In this case it is recommended to use the
arrangement shown in Figure 7b, where the information on the converter input voltage is
added to the voltage applied to the STBY pin. Due to the strongly non-linear relationship
between switching frequency and input voltage, it is more practical to find empirically the
right amount of correction RA / (RA + RB) needed to minimize the change of PoutB. Make
sure to choose the total value RA + RB much greater than RC to minimize the effect on the
LINE pin voltage (see Section 6.6: Line sensing function on page 23).
Whichever circuit is in use, its operation can be described as follows. As the load falls below
the value PoutB the frequency tries to exceed the maximum programmed value fmax and the
voltage on the STBY pin (VSTBY) goes below 1.24 V. The IC then stops with both gate-drive
outputs low, so that both MOSFETs of the half bridge leg are in OFF-state. The voltage
VSTBY now increases as a result of the feedback reaction to the energy delivery stop and, as
it exceeds 1.29 V, the IC restarts switching. After a while, VSTBY goes down again in
response to the energy burst and stops the IC. In this way, the converter works in a burst
mode fashion with a nearly constant switching frequency. A further load decrease then
causes a frequency reduction, which can go down even to few hundred hertz. The timing
diagram of Figure 8 illustrates this kind of operation, showing the most significant signals.
A small capacitor (typically in the hundred pF) from the STBY pin to ground, placed as close
to the IC as possible to reduce switching noise pick-up, helps obtain clean operation.
To help the designer meet energy saving requirements even in power-factor-corrected
systems, where a PFC pre-regulator precedes the DC-DC converter, the L6599AF allows
that the PFC pre-regulator can be turned off during burst mode operation, therefore
1
f
f
RF
8
3
RF
min
max
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com