Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 21Page - STMicroelectronics L6599AF Datasheet HTML 22Page - STMicroelectronics L6599AF Datasheet HTML 23Page - STMicroelectronics L6599AF Datasheet HTML 24Page - STMicroelectronics L6599AF Datasheet HTML 25Page - STMicroelectronics L6599AF Datasheet HTML 26Page - STMicroelectronics L6599AF Datasheet HTML 27Page - STMicroelectronics L6599AF Datasheet HTML 28Page - STMicroelectronics L6599AF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID028175 Rev 3
25/32
L6599AF
Application information
32
kind. If the function is not used, the pin must be connected to a voltage greater than 1.24 V
but lower than 6 V (worst-case value of the 7 V threshold).
6.7
Bootstrap section
The supply of the floating high-side section is obtained by means of a bootstrap circuitry.
This solution normally requires a high voltage fast recovery diode (DBOOT, Figure 14 a) to
charge the bootstrap capacitor CBOOT. In the L6599AF a patented integrated structure,
replaces this external diode. It is realized by means of a high voltage DMOS, working in the
third quadrant and driven synchronously with the low-side driver (LVG), with a diode in
series to the source, as shown in Figure 14 b.
Figure 14. Bootstrap supply: a) standard circuit; b) internal bootstrap synchronous diode
The diode prevents any current being able to flow from the VBOOT pin back to VCC, in case
the supply is quickly turned off when the internal capacitor of the pump is not fully
discharged. To drive the synchronous DMOS a voltage higher than the supply voltage VCC
is necessary. This voltage is obtained by means of an internal charge pump (Figure 14 b).
The bootstrap structure introduces a voltage drop while recharging CBOOT (i.e. when the
low-side driver is on), which increases with the operating frequency and with the size of the
external power MOSFET. It is the sum of the drop across the R(DS)ON and the forward drop
across the series diode. At low frequency this drop is very small and can be neglected but,
as the operating frequency increases, it must be taken into account. In fact, the drop
reduces the amplitude of the driving signal and can significantly increase the R(DS)ON of the
external high-side MOSFET and then its conductive loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com