Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AF Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6599AF
Description  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6599AF Datasheet HTML 10Page - STMicroelectronics L6599AF Datasheet HTML 11Page - STMicroelectronics L6599AF Datasheet HTML 12Page - STMicroelectronics L6599AF Datasheet HTML 13Page - STMicroelectronics L6599AF Datasheet HTML 14Page - STMicroelectronics L6599AF Datasheet HTML 15Page - STMicroelectronics L6599AF Datasheet HTML 16Page - STMicroelectronics L6599AF Datasheet HTML 17Page - STMicroelectronics L6599AF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Application information
L6599AF
14/32
DocID028175 Rev 3
Figure 5. Oscillator internal block diagram
The following approximate relationships hold for the minimum and the maximum oscillator
frequency respectively:
Equation 1
After fixing CF in the hundred pF or in the nF (consistently with the maximum source
capability of the RFmin pin and trading this off against the total consumption of the device),
the value of RFmin and RFmax is selected so that the oscillator frequency is able to cover the
entire range needed for regulation, from the minimum value fmin (at minimum input voltage
and maximum load) to the maximum value fmax (at maximum input voltage and minimum
load):
Equation 2
A different selection criterion is given for RFmax in case burst mode operation at no load is
used (see Section 6.2: Operation at no load or very light load).

max
min
max
min
min
RF
//
RF
CF
3
1
f
;
RF
CF
3
1
f
1
f
f
RF
RF
;
f
CF
3
1
RF
min
max
min
max
min
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com