Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 9 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 5Page - STMicroelectronics R5973D Datasheet HTML 6Page - STMicroelectronics R5973D Datasheet HTML 7Page - STMicroelectronics R5973D Datasheet HTML 8Page - STMicroelectronics R5973D Datasheet HTML 9Page - STMicroelectronics R5973D Datasheet HTML 10Page - STMicroelectronics R5973D Datasheet HTML 11Page - STMicroelectronics R5973D Datasheet HTML 12Page - STMicroelectronics R5973D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID026876 Rev 1
9/39
R5973D
Functional description
39
5
Functional description
The main internal blocks are shown in the device block diagram in Figure 2. They are:
A voltage regulator supplying the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available.
A voltage monitor circuit which checks the input and the internal voltages.
A fully integrated sawtooth oscillator with a frequency of 250 kHz
15 %, including also
the voltage feed-forward function and an input/output synchronization pin.
Two embedded current limitation circuits which control the current that flows through
the power switch. The pulse-by-pulse current limit forces the power switch OFF cycle
by cycle if the current reaches an internal threshold, while the frequency shifter reduces
the switching frequency in order to significantly reduce the duty cycle.
A transconductance error amplifier.
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power.
A high-side driver for the internal P-MOS switch.
An inhibit block for standby operation.
A circuit to implement the thermal protection function.
Figure 2. Block diagram
5.1
Power supply and voltage reference
The internal regulator circuit (shown in Figure 3) consists of a start-up circuit, an internal
voltage pre-regulator, the bandgap voltage reference and the bias block that provides
current to all the blocks. The starter supplies the start-up currents to the entire device when
the input voltage goes high and the device is enabled (inhibit pin connected to ground). The
pre-regulator block supplies the bandgap cell with a pre-regulated voltage VREG that has
a very low supply voltage noise sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com