Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 14 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 10Page - STMicroelectronics R5973D Datasheet HTML 11Page - STMicroelectronics R5973D Datasheet HTML 12Page - STMicroelectronics R5973D Datasheet HTML 13Page - STMicroelectronics R5973D Datasheet HTML 14Page - STMicroelectronics R5973D Datasheet HTML 15Page - STMicroelectronics R5973D Datasheet HTML 16Page - STMicroelectronics R5973D Datasheet HTML 17Page - STMicroelectronics R5973D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Functional description
R5973D
14/39
DocID026876 Rev 1
5.7
Inhibit function
The inhibit feature is used to put the device in standby mode. With the INH pin higher than
2.2 V the device is disabled and the power consumption is reduced to less than 100 µA.
With the INH pin lower than 0.8 V, the device is enabled. If the INH pin is left floating, an
internal pull up ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VCC compatible.
5.8
Thermal shutdown
The shutdown block generates a signal that turns OFF the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150 ± 10 °C). The sensing element of
the chip is very close to the PDMOS area, ensuring fast and accurate temperature
detection. A hysteresis of approximately 20 °C keeps the device from turning ON and OFF
continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com