Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 27 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 23Page - STMicroelectronics R5973D Datasheet HTML 24Page - STMicroelectronics R5973D Datasheet HTML 25Page - STMicroelectronics R5973D Datasheet HTML 26Page - STMicroelectronics R5973D Datasheet HTML 27Page - STMicroelectronics R5973D Datasheet HTML 28Page - STMicroelectronics R5973D Datasheet HTML 29Page - STMicroelectronics R5973D Datasheet HTML 30Page - STMicroelectronics R5973D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DocID026876 Rev 1
27/39
R5973D
Application information
39
Equation 29
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions VOUT is negligible so during TOFF the voltage across the inductor
is very small as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the freewheeling diode) while during TON the voltage applied the
inductor is instead maximized as approximately equal to VIN.
So Equation 28 and Equation 29 in overcurrent conditions can be simplified to:
Equation 30
considering TON that has been already reduced to its minimum.
Equation 31
considering that fSW has been already reduced to one third of the nominal.
In case a short-circuit at the output is applied and VIN = 12 V the inductor current is
controlled in most of the applications (see Figure 15). When the application must sustain the
short-circuit condition for an extended period, the external components (mainly the inductor
and diode) must be selected based on this value.
In case the VIN is very high, it could occur that the ripple current during TOFF (Equation 31)
does not compensate the current increase during TON (Equation 30). Figure 17 shows an
example of a power up phase with VIN = VIN MAX = 36 V, whereIL TON > IL TOFF so the
current escalates and the balance between Equation 30 and Equation 31 occurs at a current
slightly higher than the current limit. This must be taken into account in particular to avoid
the risk of an abrupt inductor saturation.
Figure 15. Short-circuit current VIN = 12 V
IL TOFF
VD Vout DCRL I
++

–
L
--------------------------------------------------------------- TOFF

=
IL TON
VIN DCRL RDSON
+
 I
–
L
---------------------------------------------------------------- TON MIN

VIN
L
--------- 250ns

=
IL TOFF
VD Vout DCRL I
++

–
L
--------------------------------------------------------------- 3T
SW

VD Vout DCRL I
++

–
L
--------------------------------------------------------------- 12
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com