Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 12 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 8Page - STMicroelectronics R5973D Datasheet HTML 9Page - STMicroelectronics R5973D Datasheet HTML 10Page - STMicroelectronics R5973D Datasheet HTML 11Page - STMicroelectronics R5973D Datasheet HTML 12Page - STMicroelectronics R5973D Datasheet HTML 13Page - STMicroelectronics R5973D Datasheet HTML 14Page - STMicroelectronics R5973D Datasheet HTML 15Page - STMicroelectronics R5973D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Functional description
R5973D
12/39
DocID026876 Rev 1
ON time, the output voltage decreases. Since the minimum switch ON time necessary to
sense the current in order to avoid a false overcurrent signal is too short to obtain
a sufficiently low duty cycle at 250 kHz (see Section 8.4 on page 26), the output current in
strong overcurrent or short-circuit conditions could be not properly limited. For this reason
the switching frequency is also reduced, thus keeping the inductor current under its
maximum threshold. The frequency shifter (Figure 4) functions based on the feedback
voltage. As the feedback voltage decreases (due to the reduced duty cycle), the switching
frequency decreases also.
Figure 6. Current limitation circuitry
5.5
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (1.235 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage. The output (COMP) is connected to the external
compensation network. The uncompensated error amplifier has the following
characteristics:
The error amplifier output is compared to the oscillator sawtooth to perform PWM control.
Table 5. Uncompensated error amplifier characteristics
Description
Values
Transconductance
2300 µS
Low frequency gain
65 dB
Minimum sink/source voltage
1500 µA/300 µA
Output voltage swing
0.4 V/3.65 V
Input bias current
2.5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com