Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 13 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 9Page - STMicroelectronics R5973D Datasheet HTML 10Page - STMicroelectronics R5973D Datasheet HTML 11Page - STMicroelectronics R5973D Datasheet HTML 12Page - STMicroelectronics R5973D Datasheet HTML 13Page - STMicroelectronics R5973D Datasheet HTML 14Page - STMicroelectronics R5973D Datasheet HTML 15Page - STMicroelectronics R5973D Datasheet HTML 16Page - STMicroelectronics R5973D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID026876 Rev 1
13/39
R5973D
Functional description
39
5.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals to
generate the PWM signal for the driving stage.
The power stage is a highly critical block, as it functions to guarantee a correct turn ON and
turn OFF of the PDMOS. The turn ON of the power element, or more accurately, the rise
time of the current at turn ON, is a very critical parameter. At a first approach, it appears that
the faster the rise time, the lower the turn ON losses.
However, there is a limit introduced by the recovery time of the recirculation diode.
In fact, when the current of the power element is equal to the inductor current, the diode
turns OFF and the drain of the power is able to go high. But during its recovery time, the
diode can be considered a high value capacitor and this produces a very high peak current,
responsible for numerous problems:
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasites.
Turn ON overcurrent leads to a decrease in the efficiency and system reliability.
Major EMI problems.
Shorter freewheeling diode life.
The fall time of the current during turn OFF is also critical, as it produces voltage spikes (due
to the parasites elements of the board) that increase the voltage drop across the PDMOS.
In order to minimize these problems, a new driving circuit topology has been used and the
block diagram is shown in Figure 7. The basic idea is to change the current levels used to
turn the power switch ON and OFF, based on the PDMOS and the gate clamp status.
This circuitry allows the power switch to be turned OFF and ON quickly and addresses the
freewheeling diode recovery time problem. The gate clamp is necessary to ensure that VGS
of the internal switch does not go higher than VGSmax. The ON/OFF Control block protects
against any cross conduction between the supply line and ground.
Figure 7. Driving circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com