Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973D Datasheet(PDF) 29 Page - STMicroelectronics

Part # R5973D
Description  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 25Page - STMicroelectronics R5973D Datasheet HTML 26Page - STMicroelectronics R5973D Datasheet HTML 27Page - STMicroelectronics R5973D Datasheet HTML 28Page - STMicroelectronics R5973D Datasheet HTML 29Page - STMicroelectronics R5973D Datasheet HTML 30Page - STMicroelectronics R5973D Datasheet HTML 31Page - STMicroelectronics R5973D Datasheet HTML 32Page - STMicroelectronics R5973D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DocID026876 Rev 1
29/39
R5973D
Application information
39
8.5
Positive buck-boost regulator
The device can be used to implement a step-up/down converter with a positive output
voltage.
The output voltage is given by:
Equation 32
where the ideal duty cycle D for the buck boost converter is:
Equation 33
However, due to power losses in the passive elements, the real duty cycle is always higher
than this. The real value (that can be measured in the application) should be used in the
following formulas.
The peak current flowing in the embedded switch is:
Equation 34
while its average current is equal to:
Equation 35
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see Table 4 on page 6 for details) while the average current must be lower than
the rated DC current of the device.
As a consequence, the maximum output current is:
Equation 36
where ISW MAX represents the rated current of the device.
The current capability is reduced by the term (1 - D) and so, for example, with a duty cycle of
0.5, and considering an average current through the switch of 2 A, the maximum output
current deliverable to the load is 1 A.
VOUT
VIN
D
1D
–
-------------
=
D
VOUT
VIN VOUT
+
------------------------------
=
ISW
ILOAD
1D
–
---------------
IRIPPLE
2
--------------------
+
ILOAD
1D
–
---------------
VIN
2L
-----------
D
fSW
---------
+
==
ISW
ILOAD
1D
–
---------------
=
IOUT MAX ISW MAX 1D
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com