Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 4Page - STMicroelectronics STCF07PNR Datasheet HTML 5Page - STMicroelectronics STCF07PNR Datasheet HTML 6Page - STMicroelectronics STCF07PNR Datasheet HTML 7Page - STMicroelectronics STCF07PNR Datasheet HTML 8Page - STMicroelectronics STCF07PNR Datasheet HTML 9Page - STMicroelectronics STCF07PNR Datasheet HTML 10Page - STMicroelectronics STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
STCF07
8/26
Doc ID 16757 Rev 3
5
Electrical characteristics
TA = 25 °C, VI = 3.6 V, 2 x CI = 10 µF, CO = 1 µF, L = 2.2 µH, RHC = 0.22 Ω, RLC = 1.8 Ω,
RX = 15 kΩ
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Input voltage supply
2.7
5.5
V
UVLO
Undervoltage lockout
VI = 2.7 V
2.2
V
VPW_ONRESET Power ON reset threshold
VI rising
2.3
V
IO
Output current - high current
level
CSEL = VI; VI = 2.7 V to 5.5 V;
RHC = 0.16 Ω, POUT = 3.4 W
1000
mA
Output current - high current
level
CSEL = VI; VI = 3.2 V to 5.5 V;
RHC = 0.16 Ω, POUT = 4 W
1000
Output current - low current
level
CSEL = GND; VI = 3.3 V to 5.5 V;
RHC + RLC ~ 2 Ω
20
VOUT
Regulated voltage range
2.5
5.3
V
ILIM
Inductor peak current
VI = 2.7 V, VOUT shorted during
operation
2.3
A
FB1
Feedback voltage
Low current (CSEL = 0 V)
152
160
168
mV
FB2
Feedback voltage
High current (CSEL = VI)
152
160
168
mV
RON_
FB1-FB2 ON resistance
High current (CSEL = VI)
IO = 800 mA
90
m
Ω
IQ
Quiescent current in
shutdown mode
EN = GND
1
µA
Quiescent current in high
current mode
EN = VI; CSEL = VI; VI = 3.3 V to
5.5 V; RHC = 0.22 Ω
1.8
mA
fs
Frequency
VI = 2.7 V
1.8
MHz
n
Efficiency
VI = 3.2 to 4.2 V, IO = 800 mA
85
%
OVP
Output overvoltage
protection
VI = 5.5 V, no load
5.5
V
OVHYST
Overvoltage hysteresis
VI = 5.5 V, no load
0.3
V
OTP
Overvoltage protection
VI = 5.5 V
140
°C
OTHYST
Overvoltage hysteresis
VI = 5.5 V
20
°C
VNTC
NTC voltage reference
VI = 2.7 V to 5.5 V
1.8
V
VRX
NTC voltage threshold
INTC = 1 mA Max
1.2
V
NTCLEAK
RX-NTC switch OFF leakage
Shutdown mode,
VNTC = 2 V - VRX = GND
1µA
VIL
Input logic signal level CSEL,
EN
VI = 2.7 V to 5.5 V
00.4
V
VIH
1.4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com