Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 15Page - STMicroelectronics STCF07PNR Datasheet HTML 16Page - STMicroelectronics STCF07PNR Datasheet HTML 17Page - STMicroelectronics STCF07PNR Datasheet HTML 18Page - STMicroelectronics STCF07PNR Datasheet HTML 19Page - STMicroelectronics STCF07PNR Datasheet HTML 20Page - STMicroelectronics STCF07PNR Datasheet HTML 21Page - STMicroelectronics STCF07PNR Datasheet HTML 22Page - STMicroelectronics STCF07PNR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STCF07
Typical performance characteristics
Doc ID 16757 Rev 3
19/26
10
Typical performance characteristics
Figure 10.
IOUT 80 mA vs. VIN
Figure 11.
IOUT 800 mA vs. VIN
Figure 12.
Efficiency vs. VIN
Figure 13.
Efficiency vs. VIN, IO = 400 mA
Figure 14.
Line transient
Vstep = 600 mVpp, Tr = 10 µs, Tf = 10 µs, VIN = 3.6 V to 4.2 V
50.000
55.000
60.000
65.000
70.000
75.000
80.000
85.000
90.000
95.000
100.000
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
25 °C
- 40 °C
85°C
50.000
55.000
60.000
65.000
70.000
75.000
80.000
85.000
90.000
95.000
100.000
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
25 °C
- 40 °C
85°C
500.000
550.000
600.000
650.000
700.000
750.000
800.000
850.000
900.000
950.000
1000.000
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
25 °C
-40 °C
85 °C
500.000
550.000
600.000
650.000
700.000
750.000
800.000
850.000
900.000
950.000
1000.000
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
25 °C
-40 °C
85 °C
50
55
60
65
70
75
80
85
90
95
100
2.53
3.54
4.55
5.5
Input Voltage [V]
800 mA
400 mA
50
55
60
65
70
75
80
85
90
95
100
2.53
3.54
4.55
5.5
Input Voltage [V]
800 mA
400 mA
50
55
60
65
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage [V]
-40°C
25°C
85°C
50
55
60
65
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage [V]
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com