Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 6Page - STMicroelectronics STCF07PNR Datasheet HTML 7Page - STMicroelectronics STCF07PNR Datasheet HTML 8Page - STMicroelectronics STCF07PNR Datasheet HTML 9Page - STMicroelectronics STCF07PNR Datasheet HTML 10Page - STMicroelectronics STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics STCF07PNR Datasheet HTML 13Page - STMicroelectronics STCF07PNR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Introduction
STCF07
10/26
Doc ID 16757 Rev 3
6
Introduction
The STCF07 is a buck-boost converter designed to power and control the current of a power
white LED. The device operates at a constant switching frequency of 1.8 MHz (typ). It
provides an output voltage from 2.5 V up to 5.3 V, from a 2.7 V to 5.5 V supply voltage. This
supply range allows the device to operate from a single-cell Lithium-Ion battery. The current
is adjustable up to 1 A for an input voltage ranging from 2.7 V to 5.5 V and maximum output
power up to 3.4 W. When the battery voltage is higher than 3.2 V, it is possible to increase
the output power up to 4 W. The device uses an external NTC resistor to sense the
temperature of the white LED. This function may not be needed in all applications, and in
these cases the relevant external components can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com