Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 10Page - STMicroelectronics STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics STCF07PNR Datasheet HTML 13Page - STMicroelectronics STCF07PNR Datasheet HTML 14Page - STMicroelectronics STCF07PNR Datasheet HTML 15Page - STMicroelectronics STCF07PNR Datasheet HTML 16Page - STMicroelectronics STCF07PNR Datasheet HTML 17Page - STMicroelectronics STCF07PNR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Detailed description
STCF07
14/26
Doc ID 16757 Rev 3
8.6.5
Undervoltage lockout function
If the device is ON and the battery voltage is as low as 2.2 V, the device goes into a FAULT
state and the FAULT pin is put to LOW. To restart the device, the ENABLE pin must be reset
LOW and HIGH.
Figure 5.
Typical LED temperature sensing application with the NTC resistor
V
REF = 1.2 V
NTC
R
NTC = 100 k
Vref = 1.8 V
R
X = 15 k
V
REF = 1.2 V
NTC
R
NTC = 100 k
Vref = 1.8 V
R
X = 15 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com