Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 7Page - STMicroelectronics STCF07PNR Datasheet HTML 8Page - STMicroelectronics STCF07PNR Datasheet HTML 9Page - STMicroelectronics STCF07PNR Datasheet HTML 10Page - STMicroelectronics STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics STCF07PNR Datasheet HTML 13Page - STMicroelectronics STCF07PNR Datasheet HTML 14Page - STMicroelectronics STCF07PNR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
STCF07
Logic pin description
Doc ID 16757 Rev 3
11/26
7
Logic pin description
7.1
CSEL pin
This input pin allows the setting of two different levels of current. When the voltage on this
pin is low, the internal multiplexer switches the feedback to the FB1 pin, which is the
dedicated feedback pin for low current operation. When the voltage on the CSEL pin is high,
the internal multiplexer switches the feedback to the FB2s pin, and enables the shorting
transistor connected between the FB1 and FB2 pins. The feedback voltage is sensed
directly on the sensing RHC by the connection of FB2s. This sensing pin is dedicated to high
current operation.
7.2
FAULT pin
When the STCF07 is in ON mode (EN is high), the device is able to detect disconnection or
failure of the LED. This information can be used by the system to signal that a problem has
occurred in the LEDs.
7.3
ENABLE pin
This pin functions as an enable input. No internal pull-up or pull-down is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com