Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF07PNR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 17Page - STMicroelectronics STCF07PNR Datasheet HTML 18Page - STMicroelectronics STCF07PNR Datasheet HTML 19Page - STMicroelectronics STCF07PNR Datasheet HTML 20Page - STMicroelectronics STCF07PNR Datasheet HTML 21Page - STMicroelectronics STCF07PNR Datasheet HTML 22Page - STMicroelectronics STCF07PNR Datasheet HTML 23Page - STMicroelectronics STCF07PNR Datasheet HTML 24Page - STMicroelectronics STCF07PNR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STCF07
External component selection
Doc ID 16757 Rev 3
21/26
11.5
RLC selection
RLC resistor value can be calculated with the following equations:
RLC = (160 mV - ILC * RHC) / ILC and PRLC = RLC * ILC
2
where PRLC is the dissipated power on the RLC resistor. It is recommended to use a thin
metal film resistor with a 1% or 5% tolerance.
11.6
NTC and RX resistor selection
The NTC resistor for sensing LED temperature and the RX resistor create a voltage divider.
The output of this divider is compared with the 1.192 V internal voltage reference. When
voltage on the output of the voltage divider is increased over the reference, the logic
switches off the power circuit. Voltage divider is possible to supply from the NTC pin, where
is output of the 1.8 V internal reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com