Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 4Page - STMicroelectronics L9959S Datasheet HTML 5Page - STMicroelectronics L9959S Datasheet HTML 6Page - STMicroelectronics L9959S Datasheet HTML 7Page - STMicroelectronics L9959S Datasheet HTML 8Page - STMicroelectronics L9959S Datasheet HTML 9Page - STMicroelectronics L9959S Datasheet HTML 10Page - STMicroelectronics L9959S Datasheet HTML 11Page - STMicroelectronics L9959S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Pins description
L9959S, L9959T
8/43
DocID023416 Rev 6
2.1
Pin definitions and functions
Table 2. L9959S pinout
Pin
Symbol
Function
18
VS
Power supply voltage for power stage outputs (external reverse protection required)
2
PGND
Power Ground
16
CAP3V3
Pin for external capacitor:
This capacitor is used for the internal 3.3 V controller. A capacitance between 60 nF and
150 nF (typical 100 nF) is required and has to be connected close to this pin with low
inductance and resistance.
17
VDD
VDD Supply: 5 V Supply
11
GNDABE
Sense Ground for VDD monitoring
15
AGND
Device Ground
3
OUT1
Bridge output 1 and 2:
The bridge outputs are built of a high-side p-channel and a low-side n-channel transistor.
23
OUT2
20
DIR
Direction input:
The DIR pin controls the switch direction of OUT1 and OUT2.
21
PWM
PWM input:
The PWM input switches OUT1 and OUT2.
19
DIS
Disable input:
DIS switches OUT1 and OUT2 to tristate.
10
/ABE
Bidirectional Ability/Enable Pin:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off.
9CF
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current.
5SCK
Serial clock input:
This input controls the internal shift register of the SPI.
7SI
Slave in (Serial data input):
The input receives serial data from the microcontroller.
8SO
Slave Out (Serial data output):
The diagnosis data is available via the SPI through this tristate-output.
6SS
Slave Select input:
The serial data transfer between the device and the micro controller is enabled by pulling
the input SS to low level.
EP
AGND
Exposed Pad:
Connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com