Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 14Page - STMicroelectronics L9959S Datasheet HTML 15Page - STMicroelectronics L9959S Datasheet HTML 16Page - STMicroelectronics L9959S Datasheet HTML 17Page - STMicroelectronics L9959S Datasheet HTML 18Page - STMicroelectronics L9959S Datasheet HTML 19Page - STMicroelectronics L9959S Datasheet HTML 20Page - STMicroelectronics L9959S Datasheet HTML 21Page - STMicroelectronics L9959S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Electrical specifications
L9959S, L9959T
18/43
DocID023416 Rev 6
3.6
Temperature dependent current reduction
Note: see also Figure 16: Temperature dependent current reduction.
3.7
Free-wheeling diodes
Table 16. Openload detection
If the value of the connected load is below 2.5 k
, no Open Load is detected; if the value of the
connected load is more than 50 k
, Open Load is detected.
If the load is in the range between (2.5 … 50) k
, the Open Load diagnosis is not reliable.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ROL
Openload detection threshold
-5
-
50
k
tDIAGOL
Openload diagnosis enable
delay
Guaranteed through
scan.
100
-
150
ms
tDIAGOL1
Openload diagnosis filter time1
2.4
-
3.6
ms
tDIAGOL2
Openload diagnosis filter time2
200
-
300
µs
Table 17. Retest delay
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tdelay retest
Retest delay for failures: SCB,
SCG, SCL
Guaranteed through
scan.
290
350
410
µs
Table 18. Temperature dependent current reduction
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IL_TSD|
Current limit at TSD
-
1.4
2.5
3.6
A
TILR
Start of temperature
dependent current reduction
-
150
165
-
°C
TSD
Thermal shut-down
-
175
-
-
°C
TSD-TILR
Range of temperature
dependent current reduction
-
2025
30°C
TfTSD
Thermo-shut-down detection
filter time
Guaranteed through
scan.
6
-
18
µs
Table 19. Free-wheel diodes
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
UD
Free-wheeling diode forward
voltage
IOUT = 3 A
-
-
2
V
Tit
(1)
Free-wheeling diode reverse
recovery time
-
-
-
100
ns
1.
Not subject to production test; specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com