Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 10Page - STMicroelectronics L9959S Datasheet HTML 11Page - STMicroelectronics L9959S Datasheet HTML 12Page - STMicroelectronics L9959S Datasheet HTML 13Page - STMicroelectronics L9959S Datasheet HTML 14Page - STMicroelectronics L9959S Datasheet HTML 15Page - STMicroelectronics L9959S Datasheet HTML 16Page - STMicroelectronics L9959S Datasheet HTML 17Page - STMicroelectronics L9959S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Electrical specifications
L9959S, L9959T
14/43
DocID023416 Rev 6
3.5
Outputs OUT1 and OUT2
Table 10. Undervoltage shutdown
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VUV_OFF
VS UV threshold
VS decreasing
3.1
3.8
4.5
V
VUV_ON
VS UV threshold
VS increasing
3.3
4.0
4.7
V
VUV_HYS
VS UV hysteresis
VUV_ON - VUV_OFF
0.1
-
1
V
tFUV
VS UV detection time
-
-
-
1.5
µs
Table 11. On-resistance (4.5 V < VS < 28 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
rONVS
OUT1,2
On-resistance to supply
VDD = 5 V; VS = 10 V,
IOUT1,2 = 3 A
-
-
315
m
rONGND
OUT1,2
On-resistance to PGND
VDD = 5 V; VS = 10 V,
IOUT1,2 = 3 A
-
-
225
m
ILEAK
Switched-off output current of
OUT1,2
VDD = 5 V; VS = 13 V;
VOUT = 0 V
-200
-
-
µA
VDD = 5 V; VS = 13 V;
VOUT = VS
-
-
200
µA
Table 12. Power output switching times (8 V < VS < 18 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
td ON
Output delay time driver on
-
-
-
6
µs
td OFF
Output delay time driver off
-
-
-
16
µs
td dis
(1)
Disable delay time
Guaranteed through
scan.
-
-
12.5
µs
td pwon
Power-on delay time
-
-
1
ms
td en
Enable delay time
-
-
50
µs
dIOUT/dt
Current slew rate
-
-
1.6
A/µs
dVOUTHS/dt
(2)
Output rise/fall slew-rate high-side
low selected with bit SR = 0
fast selected with bit SR = 1
VDD = 5 V; VS = 14 V
RLOAD1,2 = 2.6  (8 VS),
6
 (18 V
S)
0.975
2.8
-2.7
8
V/µs
dVrOUTLS/dt
(2)
Output rise slew-rate low-side
valid only after the toggling of DIR
input
0.975
-
2.7
V/µs
dVfOUTLS/dt
(2)
Output fall slew-rate low-side
2.5
4
8
V/µs
fpwmmax
PWM input frequency
-
-
-
11
kHz
1.
Driven by /ABE or DIS input.
2.
The slew-rates (dVOUT/dt1) are defined by dV (voltage difference 20% - 80% ) divided by the rise-/fall times (tr/tf see
Figure 5: Output rise and fall times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com