Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 16Page - STMicroelectronics L9959S Datasheet HTML 17Page - STMicroelectronics L9959S Datasheet HTML 18Page - STMicroelectronics L9959S Datasheet HTML 19Page - STMicroelectronics L9959S Datasheet HTML 20Page - STMicroelectronics L9959S Datasheet HTML 21Page - STMicroelectronics L9959S Datasheet HTML 22Page - STMicroelectronics L9959S Datasheet HTML 23Page - STMicroelectronics L9959S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Electrical specifications
L9959S, L9959T
20/43
DocID023416 Rev 6
Figure 8. SPI timing information
Table 21. Dynamic characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tcyc
Cycle time
-
490
-
-
ns
tlead
Enable lead time
-
300
-
-
ns
tlag
Enable lag time
-
150
-
-
ns
tv
Data valid
SCK = 2 V; SO = 0.2 V;
CL = 40 pF
40
-
-
ns
SCK = 2 V; SO = 0.2 V;
CL = 200 pF
150
-
-
ns
SCK = 2 V; SO = 0.2 V;
CL = 350 pF
230
-
-
ns
tsu
Data setup time
-
40
-
-
ns
th
Data hold time
-
40
-
-
ns
tdis
Disable time
-
0
-
100
ns
tdt
Transfer delay
-
300
-
-
ns
tdld
Disable lead time
-
250
-
-
ns
tdlg
Disable lag time
-
250
-
-
ns
tacc
Access time
-
8.35
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com