Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 23Page - STMicroelectronics L9959S Datasheet HTML 24Page - STMicroelectronics L9959S Datasheet HTML 25Page - STMicroelectronics L9959S Datasheet HTML 26Page - STMicroelectronics L9959S Datasheet HTML 27Page - STMicroelectronics L9959S Datasheet HTML 28Page - STMicroelectronics L9959S Datasheet HTML 29Page - STMicroelectronics L9959S Datasheet HTML 30Page - STMicroelectronics L9959S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID023416 Rev 6
27/43
L9959S, L9959T
Application information
4.3
VS-undervoltage
VS is monitored for under-voltage. If VS goes below the VS-undervoltage threshold, the
outputs are switched to tristate after the time tFUV.
4.4
Inverse current at VS
An inverse current of maximum 5 A, which decreases during a period of max 250 ms out of
the device at VS does not lead to any destruction. After the exposure to such an inverse
current the device returns to the specified functionality.
4.5
/ABE pin
/ABE (Ability/Enable) is a bidirectional pin, with an open-drain output. In normal operating
condition, this pin is pulled up by an external resistor. If /ABE is set to low, the outputs enter
tristate mode.
/ABE can be used to switch off the outputs quickly by an external signal. It is especially
possible to connect the /ABE pins of several devices together, so all of them can be disabled
in case one detects an error, which is flagged by the /ABE-pin.
4.6
VDD-monitor
VDD is monitored for under- and over-voltage referenced to GNDABE. If VDD goes below
VDD_THL or above VDD_THH, /ABE is pulled to low and the outputs enter tristate mode after
the time tFIL_OFF. The VDD-monitoring state is stored into the status and control register
(STACON_REG). If VDD increases above VDD_THL, /ABE is pulled to high after the filter
time tFIL_ON. The SPI remains functional as long as VDD is above the power-on reset
threshold.
The behavior of the pin /ABE and the output stages after VDD goes below VDD_THH from
VDD-overvoltage is determined by bit CONFIG 0 in the status and configuration register
(STATCON):
CONFIG0 = 1: /ABE is latched and the outputs remain in tristate
CONFIG0 = 0: /ABE goes to inactive and the output stages are enabled after the filtering
time tFIL_ON.
4.7
VDD-monitor test
VDD-Monitor blocks can be tested in the application via SPI. During this test, the output
stages are still switched off in case of over- and under-voltage.
Upper threshold
The over-voltage threshold can be reduced using the configuration registers 1 and 2
(CONFIG1 and CONFIG2) in the status and control register (STACON_REG) to VTEST_THH
(see TTable 34: Status and configuration register (STATCON_REG)). Since VTEST_THH is
below the normal VDD voltage, the status bit STATUS0 shows a VDD overvoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com