Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959S Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 20Page - STMicroelectronics L9959S Datasheet HTML 21Page - STMicroelectronics L9959S Datasheet HTML 22Page - STMicroelectronics L9959S Datasheet HTML 23Page - STMicroelectronics L9959S Datasheet HTML 24Page - STMicroelectronics L9959S Datasheet HTML 25Page - STMicroelectronics L9959S Datasheet HTML 26Page - STMicroelectronics L9959S Datasheet HTML 27Page - STMicroelectronics L9959S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Application information
L9959S, L9959T
24/43
DocID023416 Rev 6
4.2.1
Current feedback
A feedback current signal is provided at pin CF (Current Feedback). This current is
proportional to the current in the H-Bridge, but does not change its direction. It is measured
in the low-side transistor, which is not switched by PWM. This is determined by the input
DIR or the SDIR register respectively. Therefore, the direction of the current can be seen
from this direction signal. Whenever the current direction changes, the current feedback
signal is blanked. In Table 13: Current feedback (CF) the CF behavior over an external
resistor of 5.1k Ohm is specified. The current out of CF consists of a static offset current and
a current proportional to the current in the select low-side transistor. The voltage at pin CF
scales with the resistor at this pin.
Figure 14. Current feedback and current limiting
Figure 14 Current Feedback and Current Limiting shows the current feedback in case the
OUT1 is controlled by PWM (DIR = 0). In this case, the current is measured through low-
side 2. If the direction is inverted, the current is measured through low-side 1.
4.2.2
Current limitation
The H-Bridge output current can be limited to three different values (see Table 14: Current
limiting). If the current reaches the current limiting threshold ICL, the output driver is
switched off after the blanking time tb, and switched on again after the current dropped
below the lower current limit hysteresis threshold (ICL – IHYS). The current limiting
thresholds can be adjusted using the resistor at pin CF. The values in Table 14 refer to a
5.1k Ohm external resistor. The current limiting threshold can be calculated by (4.5V/RCF -
IOFFSET) * (ICLx*5.1k/4.45V) from Table 14 and IOFFSET=10µA (typical). RCF is the resistor
used at pin CF. The overcurrent threshold is not changed by RCF (see Table 15). The
current limitation is active as long as the output driver is switched on. The current limitation
is also active during free-wheeling. The information that the device is in current limitation is
stored in the diagnosis register 2 (DIA_REG2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com