Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB8041IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TUSB8041-Q1
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 15
1
Features .................................................................. 1
8.5
Register Maps ......................................................... 16
2
Applications ........................................................... 1
9
Applications and Implementation ...................... 28
3
Description ............................................................. 1
9.1
Application Information............................................ 28
4
Revision History..................................................... 2
9.2
Typical Application .................................................. 28
5
Description (Continued) ........................................ 2
10
Power Supply Recommendations ..................... 36
6
Pin Configuration and Functions ......................... 4
10.1
TUSB8041-Q1 Power Supply ............................... 36
7
Specifications......................................................... 9
10.2
Downstream Port Power ....................................... 36
7.1
Absolute Maximum Ratings ..................................... 9
10.3
Ground .................................................................. 36
7.2
ESD Ratings.............................................................. 9
11
Layout................................................................... 37
7.3
Recommended Operating Conditions ....................... 9
11.1
Layout Guidelines ................................................. 37
7.4
Thermal Information ................................................ 10
11.2
Layout Examples................................................... 38
7.5
Electrical Characteristics, 3.3-V I/O ........................ 10
12
Device and Documentation Support ................. 40
7.6
Timing Requirements, Power-Up ............................ 11
12.1
Community Resources.......................................... 40
7.7
Hub Input Supply Current ....................................... 11
12.2
Trademarks ........................................................... 40
8
Detailed Description ............................................ 12
12.3
Electrostatic Discharge Caution ............................ 40
8.1
Overview ................................................................. 12
12.4
Glossary ................................................................ 40
8.2
Functional Block Diagram ....................................... 12
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 12
Information ........................................................... 40
4 Revision History
Changes from Revision A (August 2015) to Revision B
Page
•
Changed Active High. (PWRCTL_POL = 0) To: Active High. (PWRCTL_POL = 1) in Table 48 ........................................ 29
•
Changed text in the Clock, Reset, and Misc section From: "The PWRCTL_POL is pulled down which results in
active low" To: "The PWRCTL_POL is left unconnected which results in active high"........................................................ 33
•
Deleted R17 from pin 41 of Figure 11 ................................................................................................................................. 33
Changes from Original (July 2014) to Revision A
Page
•
Added Note ""Power switching must be supported for battery charging applications"" to pin FULLPWRMGMTz /
SMBA1/SS_UP in the Pin Functions table ............................................................................................................................. 7
•
Added Note "Individual power control must be enabled for battery charging applications" to pin GANGED / SMBA2 /
HS_UP in the Pin Functions table .......................................................................................................................................... 8
•
Changed the Handling Ratings table to the ESD Ratings table ............................................................................................. 9
•
Changed the Timing Requirements, Power-Up table: Deleted text from the td1 description: "There is no timing
relationship between VDD33 and VDD": Added Note 2 to the MIN value ........................................................................... 11
•
Added Note: "An active reset is required.." To the Timing Requirements, Power-Up table................................................. 11
•
Changed text in the Clock, Reset, and Misc section From: "The PWRCTL_POL is pulled down which results in
active high power enable" To: "The PWRCTL_POL is pulled down which results in active low power enable" ................. 33
5 Description (Continued)
The TUSB8041-Q1 supports per port or ganged power switching and over-current protection, and supports
battery charging applications.
An individually port power controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port power controlled hub senses an over-current event, only power to the
affected downstream port will be switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The
power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed.
Also when a ganged hub senses an over-current event, power to all downstream ports will be switched off.
2
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com