Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8041IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
USB_DP_DN3
49
32
USB_R1
USB_DM_DN3
50
31
VDD33
USB_SSTXP_DN3
51
30
XI
USB_SSTXM_DN3
52
29
XO
VDD
53
28
NC
USB_SSRXP_DN3
54
27
USB_SSRXM_UP
USB_SSRXM_DN3
55
26
USB_SSRXP_UP
USB_DP_DN4
56
25
VDD
USB_DM_DN4
57
24
USB_SSTXM_UP
USB_SSTXP_DN4
58
23
USB_SSTXP_UP
USB_SSTXM_DN4
59
22
USB_DM_UP
VDD
60
21
USB_DP_UP
USB_SSRXP_DN4
61
20
VDD33
USB_SSRXM_DN4
62
19
VDD
VDD
63
18
GRSTz
PWRCTL4/BATEN4
64
17
TEST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Thermal Pad
TUSB8041-Q1
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
www.ti.com
6 Pin Configuration and Functions
PAP Package
64 Pin
(Top View)
4
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com