Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB8041IPAPRQ1 Datasheet HTML 37Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 38Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 39Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 40Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 41Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 42Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 43Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 44Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.27
0.17
60X 0.5
PIN 1 ID
0.09-0.20
TYP
0.15
0.05
0 -7
0 MIN
4X 7.5
TYP
12.2
11.8
4.44
3.64
B
10.2
9.8
A
10.2
9.8
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
(0.15) TYP
NOTE 4
(0.15) TYP
NOTE 4
PLASTIC QUAD FLATPACK
PLASTIC QUAD FLATPACK
PowerPAD
- 1.2 mm max height
PAP0064M
4221602/A 07/2014
0.08
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026, variation ACD.
4. Strap features may not be present,
TM
PowerPAD is a trademark of Texas Instruments.
1
16
17
32
33
48
49
64
0.08
C A
B
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 12
DETAIL A
TYPICAL
SCALE 1.500
EXPOSED
THERMAL PAD
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com