Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8041IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
The TUSB8041-Q1 downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. It also supports a Dedicated Charging Port (DCP) mode
when the upstream port is not connected. The DCP mode supports USB devices which support with the USB
Battery Charging and Chinese Telecommunications Industry Standard YD/T 1591-2009. In addition, an automatic
mode provides transparent support for BC devices and devices supporting Divider Mode charging solutions when
the upstream port unconnected.
The TUSB8041-Q1 provides pin strap configuration for some features including battery charging support, and
also provides customization though OTP ROM, I2C EEPROM or via an I2C/SMBus slave interface for PID, VID,
and custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or
the I2C/SMBus slave interface.
The device is available in a 64-pin PAP package and is designed for operation over the temperature range of
-40°C to 85°C.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com