Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB8041IPAPRQ1 Datasheet HTML 39Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 40Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 41Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 42Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 43Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 44Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 45Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 46Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(
4.44)
(11.4)
60X (0.5)
64X (1.5)
64X (0.3)
(11.4)
3.75 X 3.75
0.178
4.06 X 4.06
0.152
4.44 X 4.44 (SHOWN)
0.127
5 X 5
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
PowerPAD
- 1.2 mm max height
PAP0064M
PLASTIC QUAD FLATPACK
4221602/A 07/2014
TM
NOTES: (continued)
9. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
10. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:6X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
0.127 THICK STENCIL
BASED ON
SYMM
SYMM
64
49
17
32
33
48
1
16
BY SOLDER MASK
METAL COVERED
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com