Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8041IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Clock and Reset Signals
I
Global power reset. This reset brings all of the TUSB8041-Q1 internal registers to their
GRSTz
18
PU
default states. When GRSTz is asserted, the device is completely nonfunctional.
Crystal input. This pin is the crystal input for the internal oscillator. The input may alternately
XI
30
I
be driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback
resistor is required between XI and XO.
Crystal output. This pin is the crystal output for the internal oscillator. If XI is driven by an
XO
29
O
external oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback
resistor is required between XI and XO.
USB Upstream Signals
USB_SSTXP_UP
23
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
24
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
26
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
27
I
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
21
I/O
USB High-speed differential transceiver (positive)
USB_DM_UP
22
I/O
USB High-speed differential transceiver (negative)
I
Precision resistor reference. A 9.53-k
Ω ±1% resistor should be connected between USB_R1
USB_R1
32
and GND.
I
USB upstream port power monitor. The VBUS detection requires a voltage divider. The signal
USB_VBUS
16
USB_VBUS must be connected to VBUS through a 90.9-K
Ω ±1% resistor, and to ground
through a 10-k
Ω ±1% resistor from the signal to ground.
USB Downstream Signals
USB_SSTXP_DN1
35
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN1
36
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN1
38
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN1
39
I
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN1
33
I/O
USB High-speed differential transceiver (positive)
USB_DM_DN1
34
I/O
USB High-speed differential transceiver (negative)
USB Port 1 Power On Control for Downstream Power/Battery Charging Enable. The pin is
used for control of the downstream power switch for Port 1.
In addition, the value of the pin is sampled at the de-assertion of reset to determine the value
of the battery charging support for Port 1 as indicated in the Battery Charging Support
PWRCTL1/BATEN1
4
I/O, PD
register:
0 = Battery charging not supported
1 = Battery charging supported
USB Port 1 Over-Current Detection. This pin is used to connect the over current output of the
downstream port power switch for Port 1.
0 = An over current event has occurred
OVERCUR1z
14
I, PU
1 = An over current event has not occurred
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the external circuitry needed should be determined by the power
switch.
USB_SSTXP_DN2
43
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN2
44
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN2
46
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN2
47
I
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN2
41
I/O
USB High-speed differential transceiver (positive)
USB_DM_DN2
42
I/O
USB High-speed differential transceiver (negative)
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com