Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 53 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 49Page - STMicroelectronics VS6663 Datasheet HTML 50Page - STMicroelectronics VS6663 Datasheet HTML 51Page - STMicroelectronics VS6663 Datasheet HTML 52Page - STMicroelectronics VS6663 Datasheet HTML 53Page - STMicroelectronics VS6663 Datasheet HTML 54Page - STMicroelectronics VS6663 Datasheet HTML 55Page - STMicroelectronics VS6663 Datasheet HTML 56Page - STMicroelectronics VS6663 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
DocID022316 Rev 3
53/64
VS6663
Electrical characteristics
55
Figure 20. SubLVDS AC timing
7.8
CSI-2 interface
7.8.1
CSI-2 interface - DC specification
DATA+/
DATA-
CLK+/
CLK-
Tcmpskew
Tstable
Tchcskew
TPmin
TPmax
Tfall
Trise
80%
0.9V
20%
80%
0.9V
20%
Table 35. CSI-2 interface - high speed mode - DC specification
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VCMTX
HS transmit static common mode
voltage
150
200
250
mV
VOD
HS transmit differential voltage(1)
1.
Value when driving into load impedance anywhere in the ZID range (80-125Ω).
140
200
270
mV
VOHHS
HS output high voltage(1)
360
mV
ZOS
Single Ended Output Impedance
40
50
62.5
Ω
Table 36. CSI-2 interface - low power mode - DC specification
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VOH
Output high level
1.1
1.2
1.3
V
VOL
Output low level
-50
50
mV
ZOLP
Output impedance of LP transmitter
110
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com