Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 26Page - STMicroelectronics VS6663 Datasheet HTML 27Page - STMicroelectronics VS6663 Datasheet HTML 28Page - STMicroelectronics VS6663 Datasheet HTML 29Page - STMicroelectronics VS6663 Datasheet HTML 30Page - STMicroelectronics VS6663 Datasheet HTML 31Page - STMicroelectronics VS6663 Datasheet HTML 32Page - STMicroelectronics VS6663 Datasheet HTML 33Page - STMicroelectronics VS6663 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Camera control interface (CCI)
VS6663
30/64
DocID022316 Rev 3
4.2.10
Binning registers [0x0900 to 0x0902]
0x0606
Hi
test_data_blue
16UI
00.00
RW
The test data used to replace blue
pixel data. Range 0 to 1023.(1)
0x0607
Lo
0x0608
Hi
test_data_greenB
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have
blue pixels. Range 0 to 1023.(1)
0x0609
Lo
0x060A
Hi
horizontal_cursor_width
16UI
00.00
RW
Defines the width of the horizontal
cursor (in pixels).
0x060B
Lo
0x060C
Hi
horizontal_cursor_position
16UI
00.00
RW
Defines the top edge of the
horizontal cursor.
0x060D
Lo
0x060E
Hi
vertical_cursor_width
16UI
00.00
RW
Defines the width of the vertical
cursor (in pixels).
0x060F
Lo
0x0610
Hi
vertical_cursor_ position
16UI
00.00
RW
Defines the left hand edge of the
vertical cursor. Maximum value =
0xFFFF
A value of 0xFFFF switches the
vertical cursor into automatic mode
where it automatically advances
every frame.
0x0611
Lo
1.
Some clipping of these values may occur to prevent false sync codes being generated
Table 18. Test pattern registers [0x0600 to 0x0611] (continued)
Index
Byte
Register name
Data type Default
Type
Comment
Table 19. Binning registers [0x0900 to 0x0902]
Index
Byte
Register name
Data type Default Type
Comment
0x0900
binning_mode
8UI
00
RW
Binning mode
0 - Disable
1 - Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com