Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 18Page - STMicroelectronics VS6663 Datasheet HTML 19Page - STMicroelectronics VS6663 Datasheet HTML 20Page - STMicroelectronics VS6663 Datasheet HTML 21Page - STMicroelectronics VS6663 Datasheet HTML 22Page - STMicroelectronics VS6663 Datasheet HTML 23Page - STMicroelectronics VS6663 Datasheet HTML 24Page - STMicroelectronics VS6663 Datasheet HTML 25Page - STMicroelectronics VS6663 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Camera control interface (CCI)
VS6663
22/64
DocID022316 Rev 3
4
Camera control interface (CCI)
This chapter specifies the camera control interface (CCI). The I2C-type interface uses 1.8 V
I/O with two signals: serial data line (SDA) and serial clock line (SCL). CCI is used for
control data transfer. Clock signal (SCL) generation is performed by the master device (the
camera module is a slave device). The master device initiates data transfer. The CCI bus on
the camera module has a maximum speed of 400 Kbits/s and has a software switchable
device address.
Any internal register that can be written to, can also be read from. There are also read only
registers that contain device status information, (for example, design revision details). A
read instruction from an un-used register location will return the value 0x00. A read
instruction from the manufacturers specific registers may return any value. A write
instruction to a reserved or unused register location is illegal and the effect of such a write is
undefined. It is the responsibility of the host system to only write to register locations which
have been defined.
4.1
Valid register data types
The contents of the registers can represent a number of different data types (see Table 9).
The register map uses this coding to help with the interpretation of the contents of each
register.
Table 9. Valid register data types
Data type
Name
Range
Description
8UI
8-bit unsigned integer
0 to 255
-
8SI
8-bit signed integer
-128 to 127
Two’s complement notation
16UI
16-bit unsigned integer
0 to 65535
-
16SI
16-bit signed integer
-32768 to 32767
Two’s complement notation
16UR
16-bit unsigned iReal
0 to 255.99609375
08.08 fixed point number. 8
integer bits (MS Byte), 8
fractional bits (LS Byte)
16SR
16-bit signed iReal
-128 to 127.9960375
Two’s complement
notation, 8 fractional bits
32SF
32-bit IEEE floating-point
number
As per IEEE 754
As per IEEE 754. 1 sign bit,
8 exponent bits, 23
fractional bits
8C or 16C
8-bit or 16-bit Coded
-
This indicates that the
value is decoded to select
one of several functions or
modes.
8B or 16B
8 or 16 Bits
-
Each bit represents a
specific function or mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com