Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 29Page - STMicroelectronics VS6663 Datasheet HTML 30Page - STMicroelectronics VS6663 Datasheet HTML 31Page - STMicroelectronics VS6663 Datasheet HTML 32Page - STMicroelectronics VS6663 Datasheet HTML 33Page - STMicroelectronics VS6663 Datasheet HTML 34Page - STMicroelectronics VS6663 Datasheet HTML 35Page - STMicroelectronics VS6663 Datasheet HTML 36Page - STMicroelectronics VS6663 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
DocID022316 Rev 3
33/64
VS6663
Camera control interface (CCI)
47
0x111C
Hi
max_pll_op_freq_mhz
32SF
44.48
00.00
RO
Maximum PLL output clock
frequency
Units: MHz
Value: 800.0
0x111D
3rd
0x111E
2nd
0x111F
Lo
0x1120
Hi
min_vt_sys_clk_div
16UI
00.01
RO
Minimum video-timing system clock
divider value
Value: 1
0x1121
Lo
0x1122
Hi
max_vt_sys_clk_div
16UI
00.04
RO
Maximum video-timing system clock
divider value
Value: 4
0x1123
Lo
0x1124
Hi
min_vt_sys_clk_freq_mhz
32SF
42.96
00.00
RO
Minimum video-timing system clock
frequency
Units: MHz
Value: 75.0
This value is 80 MHz in CSI2 mode.
0x1125
3rd
0x1126
2nd
0x1127
Lo
0x1128
Hi
max_vt_sys_clk_freq_mhz
32SF
44.48
00.00
RO
Maximum video-timing system clock
frequency
Units: MHz
Value: 800.0
The maximum value is 640 MHz in
CCP mode.
0x1129
3rd
0x112A
2nd
0x112B
Lo
0x112C
Hi
min_vt_pix_clk_freq_mhz
32SF
40.F0
00.00
RO
Minimum video-timing pixel clock
frequency
Units: MHz
Value: 7.5
0x112D
3rd
0x112E
2nd
0x112F
Lo
0x1130
Hi
max_vt_pix_clk_freq_mhz
32SF
42.A0
00.00
RO
Maximum video-timing pixel clock
frequency
Units: MHz
Value: 80.0
0x1131
3rd
0x1132
2nd
0x1133
Lo
0x1134
Hi
min_vt_pix_clk_div
16UI
00.08
RO
Minimum video-timing pixel clock
divider
Value: 8
0x1135
Lo
0x1136
Hi
max_vt_pix_clk_div
16UI
00.0A
RO
Maximum video-timing pixel clock
divider
Value: 10
0x1137
Lo
0x1140
Hi
min_frame_length_lines
16UI
00.D0
RO
Minimum frame length allowed.
Value = 208
Units: Lines
0x1141
Lo
Table 21. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index
Byte
Register name
Data type Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com