Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 43 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 39Page - STMicroelectronics VS6663 Datasheet HTML 40Page - STMicroelectronics VS6663 Datasheet HTML 41Page - STMicroelectronics VS6663 Datasheet HTML 42Page - STMicroelectronics VS6663 Datasheet HTML 43Page - STMicroelectronics VS6663 Datasheet HTML 44Page - STMicroelectronics VS6663 Datasheet HTML 45Page - STMicroelectronics VS6663 Datasheet HTML 46Page - STMicroelectronics VS6663 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
DocID022316 Rev 3
43/64
VS6663
Video timing
47
The equation relating the framerate to the line length, frame length and the video timing
pixel clock frequency is:
Table 24 provides examples of frame timing for Raw10 CSI-2 mode for 30 fps at a variety of
external clock frequencies.
6.2.3
Bayer pattern
The three color (Red, Green, Blue) filters are arranged over the pixel array in a repeated 2x2
arrangement known as the Bayer Pattern. When the sensor array is read, the output order
of red, green, blue depends on the settings of vertical flip and horizontal mirror.
Figure 17 shows the read-out order for the default settings of vertical flip and horizontal
mirror turned off. Vertical flip changes the first line to be output from a green/red line to a
blue/green line and horizontal mirror changes the sequence within a line, for example,
green/red to red/green.
As shown in Figure 17, the first pixel to be readout from the imaging array will be green
followed by red.
Table 24. External clock frequency examples - 1.3 Mpixel resolution Raw10 30 fps
Ext clk
freq
Pre-PLL
clk div
PLL
multiplier
VT sys clk
div
VT pixel
clk div
VT pixel
clk freq
Line
length
Frame
length
MHz
Integer
Integer
(Dec)
Integer
Integer
MHz
Pixel clks
Lines
(Dec)
9.60
1
83
1
10
79.68
2640
1006
12.00
2
133
1
10
79.80
2640
1007
13.00
2
123
1
10
79.95
2640
1009
Framerate
vt_pix_clk_freq_mhz
line_length_pck
frame_length_line
×
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com