Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 25Page - STMicroelectronics VS6663 Datasheet HTML 26Page - STMicroelectronics VS6663 Datasheet HTML 27Page - STMicroelectronics VS6663 Datasheet HTML 28Page - STMicroelectronics VS6663 Datasheet HTML 29Page - STMicroelectronics VS6663 Datasheet HTML 30Page - STMicroelectronics VS6663 Datasheet HTML 31Page - STMicroelectronics VS6663 Datasheet HTML 32Page - STMicroelectronics VS6663 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
DocID022316 Rev 3
29/64
VS6663
Camera control interface (CCI)
47
4.2.8
Image compression registers [0x0500 to 0x0501]
4.2.9
Test pattern registers [0x0600 to 0x0611]
0x034E
Hi
y_output_size
16UI
03.D0
RW
Height of image data output from the
sensor module
Units: Lines
Value: 976
0x034F
Lo
0x0380
Hi
x_even_inc
16UI
00.01
RW
Increment for even pixels
Units: Pixels
0x0381
Lo
0x0382
Hi
x_odd_inc
16UI
00.01
RW
Increment for odd pixels
Units: Pixels
0x0383
Lo
0x0384
Hi
y_even_inc
16UI
00.01
RW
Increment for even pixels
Units: Pixels
0x0385
Lo
0x0386
Hi
y_odd_inc
16UI
00.01
RW
Increment for odd pixels
Units: Pixels
0x0387
Lo
Table 16. Video timing registers [0x0300 to 0x03FF] (continued)
Index
Byte
Register name
Data type Default
Type
Comment
Table 17. Image compression registers [0x0500 to 0x0501]
Index
Byte
Register name
Data type Default
Type
Comment
0x0500
Hi
compression_mode
16UI
00.01
RO
1 – DPCM/PCM compression
(simple predictor)
0x0501
Lo
Table 18. Test pattern registers [0x0600 to 0x0611]
Index
Byte
Register name
Data type Default
Type
Comment
0x0600
Hi
test_pattern_mode
16C
00.00
RW
0 – normal operation (default)
1 – solid color bars
2 – 100% color bars
3 – fade to grey’ color bars
4 - PN9
5 to 255 - reserved
256 to 65535 - manufacturer
specific
0x0601
Lo
0x0602
Hi
test_data_red
16UI
00.00
RW
The test data used to replace red
pixel data. Range 0 to 1023.(1)
0x0603
Lo
0x0604
Hi
test_data_greenR
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have
red pixels. Valid range 0 to 1023.(1)
0x0605
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com