Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 54 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 50Page - STMicroelectronics VS6663CC Datasheet HTML 51Page - STMicroelectronics VS6663CC Datasheet HTML 52Page - STMicroelectronics VS6663CC Datasheet HTML 53Page - STMicroelectronics VS6663CC Datasheet HTML 54Page - STMicroelectronics VS6663CC Datasheet HTML 55Page - STMicroelectronics VS6663CC Datasheet HTML 56Page - STMicroelectronics VS6663CC Datasheet HTML 57Page - STMicroelectronics VS6663CC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Optical specification
VS6663CC
54/63
Doc ID028526 Rev 1
8
Optical specification
8.1
Lens characteristics
8.2
User precaution
As is common with many CMOS image modules the camera should not be pointed at bright
static objects for long periods of time as permanent damage to the sensor may occur.
Table 39. Lens design characteristics for first source lens supplier
Parameter
Value
2-element plastic lens
-
F/number
2.8
Effective focal length
2.31mm (paraxial)
Horizontal FOV
50.7
°
Nominal focusing distance
5 cm
Straylight
No undesirable straylight artefacts to be present in
image at contrast of:
1:105 out of scene
1:104 in scene
Spectral weighting:
Wavlength (nm)
Weight
656.28
151
587.56
318
546.07
312
486.13
157
435.84
49
404.66
13
Lateral chromatic aberration from blue
(
λ=435nm) to red (λ=640nm)
< |3.8 um|
Coating reflectance - All surfaces are
coated. At least 50% of all surfaces must
fulfil this specification.
< 400 nm
400 - 670 nm
>670 nm
No limitation
≤ 1.0% absolute, 0.35% avg
Straight line with a slope of < 3% /
100nm
Maximum chief ray angle
29
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com