Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 22 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 18Page - STMicroelectronics VS6663CC Datasheet HTML 19Page - STMicroelectronics VS6663CC Datasheet HTML 20Page - STMicroelectronics VS6663CC Datasheet HTML 21Page - STMicroelectronics VS6663CC Datasheet HTML 22Page - STMicroelectronics VS6663CC Datasheet HTML 23Page - STMicroelectronics VS6663CC Datasheet HTML 24Page - STMicroelectronics VS6663CC Datasheet HTML 25Page - STMicroelectronics VS6663CC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
Camera control interface (CCI)
VS6663CC
22/63
Doc ID028526 Rev 1
4.2
Register map
4.2.1
General status registers [0x0000 to 0x001F]
Table 10. General status registers [0x0000 to 0x001F]
Index
Byte
Register name
Data type Default
Type
Comment
0x0000
Hi
model_id
16UI
02.97
RO
Camera model identification
0x0297 = 66310
0x0001
Lo
0x0002
revision_number_major
8UI
04
RO
Revision identifier of the camera
0x0003
manufacturer_id
8C
01
RO
Manufacturer ID: ST Micro
0x0004
smia_version
8C
0A
RO
0x0A: SMIA 1.0
0x0005
frame_count
8UI
FF
RO
Frame count increments from 1 to
254 when streaming.
When moving from video to sleep
the frame count is reset to 255.
The frame count is also reset to 255
after a soft reset (register 0x0103).
0x0006
pixel_order
8C
00
RO
Color pixel readout order.
Defines the order of the color pixel
readout. Changes with mirror and
flip (register 0x0101).
0x00 - GR/BG - normal
0x01 - RG/GB - horizontal mirror
0x02 - BG/GR - vertical flip
0x03 - GB/RG - vertical flip and
horizontal mirror
0x0008
Hi
data_pedestal
16UI
00.40
RO
The video data is offset by 64
0x0009
Lo
0x000C
pixel_depth
8UI
0A
RO
Pixel data resolution. For
VS6663CC the pixel depth is 10 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com