Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 24 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 20Page - STMicroelectronics VS6663CC Datasheet HTML 21Page - STMicroelectronics VS6663CC Datasheet HTML 22Page - STMicroelectronics VS6663CC Datasheet HTML 23Page - STMicroelectronics VS6663CC Datasheet HTML 24Page - STMicroelectronics VS6663CC Datasheet HTML 25Page - STMicroelectronics VS6663CC Datasheet HTML 26Page - STMicroelectronics VS6663CC Datasheet HTML 27Page - STMicroelectronics VS6663CC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Camera control interface (CCI)
VS6663CC
24/63
Doc ID028526 Rev 1
4.2.4
Data format description registers [0x00C0 to 0x00C7]
0x008A
Hi
analogue_gain_type
16UI
00.00
RO
Analog gain type
0x008B
Lo
0x008C
Hi
analogue_gain_m0
16SI
00.00
RO
Analog gain m0 constant.
m0 = 0
0x008D
Lo
0x008E
Hi
analogue_gain_c0
16SI
01.00
RO
Analog gain c0 constant.
c0 = 256
0x008F
Lo
0x0090
Hi
analogue_gain_m1
16SI
FF.FF
RO
Analog gain m1 constant.
m1 =-1
0x0091
Lo
0x0092
Hi
analogue_gain_c1
16SI
01.00
RO
Analog gain c1 constant
c1 = 256
0x0093
Lo
Table 12. Analog gain description [0x0080 to 0x0093] (continued)
Index
Byte
Register name
Data type Default
Type
Comment
Table 13. Data format description registers [0x00C0 to 0x00C7]
Index
Byte
Register name
Data type Default
Type
Comment
0x00C0
data_format_model_type
8UI
01
RO
2-byte generic data format model.
Always 0x01
0x00C1
data_format_model_subtype
8UI
03
RO
Number of descriptors, that is, 3
0x00C2
Hi
data_format_descriptor_0
16UI
08.08
RO
Top 8-bits of internal pixel data
transmitted as RAW8.
0x00C3
Lo
0x00C4
Hi
data_format_descriptor_1
16UI
0A.0A
RO
Top 10-bits of internal pixel data
transmitted as RAW 10.
0x00C5
Lo
0x00C6
Hi
data_format_descriptor_2
16UI
0A.08
RO
Compress top 10-bits of internal
pixel data to 8. Transmitted as RAW
8 mode.
0x00C7
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com