Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 47 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 43Page - STMicroelectronics VS6663CC Datasheet HTML 44Page - STMicroelectronics VS6663CC Datasheet HTML 45Page - STMicroelectronics VS6663CC Datasheet HTML 46Page - STMicroelectronics VS6663CC Datasheet HTML 47Page - STMicroelectronics VS6663CC Datasheet HTML 48Page - STMicroelectronics VS6663CC Datasheet HTML 49Page - STMicroelectronics VS6663CC Datasheet HTML 50Page - STMicroelectronics VS6663CC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
Doc ID028526 Rev 1
47/63
VS6663CC
Electrical characteristics
54
7
Electrical characteristics
All parameter values quoted in this outline product specification are design targets and will
be confirmed by evaluation of initial samples and device characterization.
Typical values quoted for nominal voltage, process and temperature. Maximum values are
quoted for worst case conditions (process, voltage and functional temperature) unless
otherwise specified.
7.1
Absolute maximum ratings
Caution:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of the
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Table 26. Absolute maximum ratings
Symbol
Parameter
Minimum
Maximum
Unit
VDIGMAX
Digital power supply
-0.3
2.2
V
VANAMAX
Analog power supply
-0.3
3.2
V
VIP(DIG)
Digital input voltage(1)
1.
Digital input: EXTCLK, XSHUTDOWN, SCL, SDA
-0.3
VANA + 0.3
V
TSTO
Storage temperature
-40
+ 85(2)
2.
This is a maximum long term standard storage temperature, see soldering profile for short term high
temperature tolerance
oC
VESD
Electrostatic discharge model
Human body model(3)
Charge device model(4)
3.
HBM tests are performed in compliance with JESD22-A114F
MM test is performed in compliance with JESD22-A115A Class B if HBM pass level is less than 1000V.
4.
CDM ESD tests are performed in compliance with JESD22-C101D
-2
-500
2
500
KV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com