Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 41 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 37Page - STMicroelectronics VS6663CC Datasheet HTML 38Page - STMicroelectronics VS6663CC Datasheet HTML 39Page - STMicroelectronics VS6663CC Datasheet HTML 40Page - STMicroelectronics VS6663CC Datasheet HTML 41Page - STMicroelectronics VS6663CC Datasheet HTML 42Page - STMicroelectronics VS6663CC Datasheet HTML 43Page - STMicroelectronics VS6663CC Datasheet HTML 44Page - STMicroelectronics VS6663CC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Doc ID028526 Rev 1
41/63
VS6663CC
Video timing
46
6.2
Video timing
This section specifies the timing for the image data that is readout from the pixel array and
the output image data. These are not necessarily the same size.
The application of all of the video timing read/write parameters must be re-timed to the start
of frame boundary to ensure that the parameters are consistent within a frame. The video
stream which is output from the VS6663CC contains both video data and other auxiliary
information.
6.2.1
PLL block
The VS6663CC contains a phase locked loop (PLL) block, which generates all the
necessary internal clocks from the external clock input. Changes to the PLL settings on the
VS6663CC will only be consumed on the software standby to streaming mode transition.
Figure 16 shows the internal functional blocks, which define the relationship between the
external input clock frequency and the pixel clock frequency.
The majority of the logic within the device is clocked by vt_sys_clk however the CCI block is
clocked by the external input clock.
Figure 16. Clock relationship
The equation relating the input clock frequency to pixel clock frequencies is:
6.2.2
Framerate
The framerate of the array readout and therefore the output framerate is governed by the
line length, frame length and the video timing pixel clock frequency.
•
line length is specified as a number of pixel clocks, line_length_pck
•
frame length is specified as a number of lines, frame_length_lines
•
video timing pixel clock is specified in MHz, vt_pix_clk_freq_mhz
Max.
800 MHz
Min.
300 MHz
Min.
25
Max.
133
pll_multiplier
Max.
12 MHz
Min.
6 MHz
pre_pll_
clk_div
Range
1, 2, 4
Max.
27 MHz
Min.
6 MHz
Ext.
input
clock
External input clock
ext_clk_freq_mhz
PLL input clock
pll_ip_clk_freq_mhz
PLL output clock
pll_op_clk_freq_mhz
Video timing pixel clock
vt_pix_clk_freq_mhz
Video timing system clock
vt_sys_clk_freq_mhz
Max.
800 MHz(2)
Min.
75 MHz(1)
Range
1, 2, 4
vt_sys_clk
_div
vt_pix_clk
_div
Max.
80 MHz
Min.
7.5 MHz
Min.
8
Max.
10
1. The minimum vt_sys_clk_freq_mhz is 80 MHz in CSI-2 mode.
2. The maximum vt_sys_clk_freq_mhx is 640 MHz in CCP mode.
vt_pix_clk_freq_mhz
ext_clk_freq_mhz
pll_multiplier
×
pre_pll_clk_div
vt_sys_clk_div
vt_pix_clk_div
×
×
--------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com