Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CC Datasheet(PDF) 31 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 27Page - STMicroelectronics VS6663CC Datasheet HTML 28Page - STMicroelectronics VS6663CC Datasheet HTML 29Page - STMicroelectronics VS6663CC Datasheet HTML 30Page - STMicroelectronics VS6663CC Datasheet HTML 31Page - STMicroelectronics VS6663CC Datasheet HTML 32Page - STMicroelectronics VS6663CC Datasheet HTML 33Page - STMicroelectronics VS6663CC Datasheet HTML 34Page - STMicroelectronics VS6663CC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Doc ID028526 Rev 1
31/63
VS6663CC
Camera control interface (CCI)
46
4.2.12
Video timing parameter limit registers [0x1100 to 0x11FF]
For a full description of the video timing parameter limit registers refer to Chapter 6: Video
timing on page 38.
Table 21. Video timing parameter limit registers [0x1100 to 0x11FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x1100
Hi
min_ext_clk_freq_mhz
32SF
40.C0
00.00
RO
Minimum external clock frequency
Units: MHz
Value: 6.0
0x1101
3rd
0x1102
2nd
0x1103
Lo
0x1104
Hi
max_ext_clk_freq_mhz
32SF
41.D8
00.00
RO
Maximum external clock frequency
Units: MHz
Value: 27.0
0x1105
3rd
0x1106
2nd
0x1107
Lo
0x1108
Hi
min_pre_pll_clk_div
16UI
00.01
RO
Minimum Pre PLL divider value
Value: 1
0x1109
Lo
0x110A
Hi
max_pre_pll_clk_div
16UI
00.04
RO
Maximum Pre PLL divider value
Value: 4
0x110B
Lo
0x110C
Hi
min_pll_ip_freq_mhz
32SF
40.C0
00.00
RO
Minimum PLL input clock frequency
Units: MHz
Value: 6.0
0x110D
3rd
0x110E
2nd
0x110F
Lo
0x1110
Hi
max_pll_ip_freq_mhz
32SF
41.40
00.00
RO
Maximum PLL input clock frequency
Units: MHz
Value: 12.0
0x1111
3rd
0x1112
2nd
0x1113
Lo
0x1114
Hi
min_pll_multiplier
16UI
00.19
RO
Minimum PLL multiplier
Value: 25
0x1115
Lo
0x1116
Hi
max_pll_multiplier
16UI
00.85
RO
Maximum PLL multiplier
Value: 133
0x1117
Lo
0x1118
Hi
min_pll_op_freq_mhz
32SF
43.96
00.00
RO
Minimum PLL output clock
frequency
Units: MHz
Value: 300.0
0x1119
3rd
0x111A
2nd
0x111B
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com