Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 28Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 29Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 30Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 31Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 32Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 33Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 34Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 35Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
5.8.3
Data Rate Settings
106-kbps, 212-kbps, 424-kbps, and 848-kbps data rates are supported by the device.
The device always answers ATTRIB commands from the PCD that request higher data rates. Note, this is
not NFC-compliant, because for NFC-B the maximum data rate specified is 106 kbps. It is assumed that
an NFC-compliant PCD would not request higher data rates thus no interoperability issues are expected.
Even though all data rates up to 848 kbps are supported, the device by default reports only the capability
to support 106 kbps to the PCD.
To change this behavior, follow these steps using the selected serial interface (I2C or SPI):
1. Read the version register.
2. Use the version register content to select one of the following sequences:
–
If "Software Identification" = 01h and "Software Version" = 01h, follow the sequence in Table 5-28.
–
If "Software Identification" = 01h and "Software Version" = 02h , follow the sequence in Table 5-29.
3. If you do not want to support all data rates up to 847 kbps, then change the Data Rate Capability byte
(Data 0 of Step 3. Write Access) according to Table 5-30.
4. Perform the steps in the following tables.
Table 5-28. Data Rate Setting Sequence (Version = 0101h)
Addr Bits
Addr Bits
Access Type
Data 0
Data 1
15 to 8
7 to 0
1. Write Access
0xFF
0xE0
0x4E
0x00
2. Write Access
0xFF
0xFE
0x80
0x00
3. Write Access
0x2A
0xA4
0xC4(1)
0x00
4. Write Access
0x28
0x14
0x00
0x00
5. Write Access
0xFF
0xE0
0x00
0x00
(1)
Data Rate Capability according to Table 5-30. 0xC4: all data rates up to 847 kbps are supported.
Table 5-29. Data Rate Setting Sequence (Version = 0201h)
Addr Bits
Addr Bits
Access Type
Data 0
Data 1
15 to 8
7 to 0
1. Write Access
0xFF
0xE0
0x4E
0x00
2. Write Access
0xFF
0xFE
0x80
0x00
3. Write Access
0x2A
0x7C
0xC4(1)
0x00
4. Write Access
0x28
0x14
0x00
0x00
5. Write Access
0xFF
0xE0
0x00
0x00
(1)
Data Rate Capability according to Table 5-30. 0xC4: all data rates up to 847 kbps are supported.
Table 5-30. Data Rate Capability
Data Rata Capability Byte
Description
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0
0
0
0
PICC supports only 106-kbps in both directions (default).
1
x
x
x
0
x
x
x
Same data rate from PCD to PICC and from PICC to PCD compulsory
x
x
x
1
0
x
x
x
PICC to PCD, data rate supported is 212 kbps
x
x
1
x
0
x
x
x
PICC to PCD, data rate supported is 424 kbps
x
1
x
x
0
x
x
x
PICC to PCD, data rate supported is 847 kbps
x
x
x
x
0
x
x
1
PCD to PICC, data rate supported is 212 kbps
x
x
x
x
0
x
1
x
PCD to PICC, data rate supported is 424 kbps
x
x
x
x
0
1
x
x
PCD to PICC, data rate supported is 847 kbps
32
Detailed Description
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com