Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 11Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 12Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 13Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 14Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 15Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
I C or SPI
Interface
2
Processing
Unit
(MSP430-
based)
ISO14443B
RF
Interface
NDEF
Memory
(SRAM)
SCL/SO
SDA/SI
SCK
E0
E1
E2
INTO
ANT1
VCC
VSS
VCORE
ANT2
SCMS/CS
RST
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
5
Detailed Description
5.1
Functional Block Diagram
Figure 5-1 shows the functional block diagram.
Figure 5-1. Functional Block Diagram
5.2
Serial Communication Interface
A "dual-mode" serial communication interface supports either SPI or I2C communication. The serial
interface allows writing and reading the internal NDEF memory as well as configuring the device
operation.
5.3
SPI or I
2C Mode Selection
The selection between I2C or SPI mode takes place during the power-up and initialization phase of the
device based on the input level at pin SCMS/CS (see Table 5-1).
Table 5-1. SPI or I2C Mode Selection
Input Level at SCMS/CS During
Selected Serial Interface
Initialization
0
I2C
1
SPI
During initialization, an integrated pullup resistor pulls SCMS/CS high, which makes SPI the default
interface. To enable I2C, this pin must be tied low externally. The pullup resistor is disabled after
initialization to avoid any current through the resistor during normal operation. In SPI mode, the pin reverts
to its CS functionality after initialization.
12
Detailed Description
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com