Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 2Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 3Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 4Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 5Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 6Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 7Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
4
Specifications
4.1
Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Voltage applied at VCC referenced to VSS (VAMR)
-0.3
4.1
V
Voltage applied at VANT referenced to VSS (VAMR)
-0.3
4.1
V
Voltage applied to any pin (references to VSS)
-0.3 VCC + 0.3
V
Diode current at any device pin
±2
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to VSS.
4.2
Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range(1)
-40
125
°C
(1)
For soldering during board manufacturing, it is required to follow the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
4.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage during program execution no RF field present
3.0
3.3
3.6
V
VCC
Supply voltage during program execution with RF field present
2.0
3.3
3.6
V
VSS
Supply voltage (GND reference)
0
V
TA
Operating free-air temperature
-40
85
°C
C1
Decoupling capacitor on VCC
(1)
0.1
µF
C2
Decoupling capacitor on VCC
(1)
1
µF
CVCORE
Capacitor on VCORE
(1)
0.1
0.47
1
µF
(1)
Low equivalent series resistance (ESR) capacitor
4.4
Recommended Operating Conditions, Resonant Circuit
MIN
NOM
MAX
UNIT
fc
Carrier frequency
13.56
MHz
VANT_peak Antenna input voltage
3.6
V
Z
Impedance of LC circuit
6.5
15.5
k
Ω
LRES
Coil inductance(1)
2.66
µH
CRES
Total resonance capacitance(1) CRES = CIN+CTune
51.8
pF
CRES –
CTune
External resonance capacitance
pF
CIN
(2)
QT
Tank quality factor
30
(1)
The coil inductance of the antenna LRES together with the external capacitance CTune plus the device internal capacitance CIN is a
resonant circuit. The resonant frequency of this LC circuit must be close to the carrier frequency fc:
fRES = 1 / [2π(LRESCRES)
1/2] = 1 / [2π(L
RES(CIN + CTune))
1/2] ≈ f
c
(2)
For CIN refer to Section 4.12.
6
Specifications
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com