Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 3Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 4Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 5Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 6Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 7Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
4.5
Supply Currents
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SPI, fSCK,MAX, SO = Open,
ICC(SPI)
3.3 V
250
µA
Writing into NDEF memory
I2C, 400 kHz, Writing into NDEF
ICC(I2C)
3.3 V
250
µA
memory
ICC(RF enabled)
RF enabled, no RF field present
3.3 V
40
µA
Standby enable = 0, RF disabled,
ICC(Inactive)
3.3 V
15
µA
no serial communication
Standby enable = 1, RF disabled,
ICC(Standby)
3.3 V
10
45
µA
no serial communication
Additional current consumption
ΔICC(StrongRF)
3.0 V to 3.6 V
160
µA
with strong RF field present
Current drawn from VCC < 3.0 V
ICC(RF,lowVCC)
with RF field present (passive
2.0 V to 3.0 V
0
µA
operation)
4.6
Digital Inputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
0.3×
VIL
Low-level input voltage
V
VCC
0.7×
VIH
High-level input voltage
V
VCC
0.1×
VHYS
Input hysteresis
V
VCC
IL
High-impedance leakage current
3.3 V
-50
50
nA
RPU(RST)
Integrated RST pullup resistor
20
35
50
k
Ω
Integrated SCMS/CS pullup resistor (only active during
RPU(CS)
20
35
50
k
Ω
initialization)
4.7
Digital Outputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
3 V
0.4
VOL
Output low voltage
IOL = 3 mA
3.3 V
0.4
V
3.6 V
0.4
3 V
2.6
VOH
Output high voltage
IOH = -3 mA
3.3 V
2.9
V
3.6 V
3.2
Copyright © 2012–2014, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com