Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 10Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 11Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 12Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 13Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 14Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 15Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 16Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
RF430CL330H
www.ti.com
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
5.4
Communication Protocol
The tag is programmed and controlled by writing data into and reading data from the address map shown
in Table 5-2 via the serial interface (SPI or I2C).
Table 5-2. User Address Map
Range
Address
Size
Description
0xFFFE
2B
Control Register
0xFFFC
2B
Status Register
0xFFFA
2B
Interrupt Enable
0xFFF8
2B
Interrupt Flags
0xFFF6
2B
CRC Result (16-bit CCITT)
0xFFF4
2B
CRC Length
0xFFF2
2B
CRC Start Address
0xFFF0
2B
Communication Watchdog Control Register
Registers
0xFFEE
2B
Version
0xFFEC
2B
Reserved
0xFFEA
2B
Reserved
0xFFE8
2B
Reserved
0xFFE6
2B
Reserved
0xFFE4
2B
Reserved
0xFFE2
2B
Reserved
0xFFE0
2B
Reserved
0x4000 to 0xFFDF
Reserved
Reserved
0x0C00 to 0x3FFF
13KB
Reserved (for example, future extension of NDEF Memory size)
NDEF
0x0000 to 0x0BFF
3KB
NDEF Memory
NOTE
Crossing Range Boundaries
Crossing range boundaries causes writes to be ignored and reads to return undefined data.
Copyright © 2012–2014, Texas Instruments Incorporated
Detailed Description
13
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com