Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL330HCPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HCPWR
Description  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR Datasheet(HTML) 4 Page - Texas Instruments

  RF430CL330HCPWR Datasheet HTML 1Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 2Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 3Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 4Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 5Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 6Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 7Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 8Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
Table 3-1. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW
RGT
VCC
1
15
PWR
3.3-V power supply
ANT1
2
1
RF
Antenna input 1
ANT2
3
2
RF
Antenna input 2
RST
4
3
I
Reset input (active low)
I2C address select 0
E0 (TMS)
5
4
I
SPI mode select 0
(JTAG test mode select)
I2C address select 1
E1 (TDO)
6
5
I (O)
SPI mode select 1
(JTAG test data output)
I2C address select 2
E2 (TDI)
7
6
I
(JTAG test data in)
Interrupt output
INTO (TCK)
8
7
O
(JTAG test clock)
SCMS/
Serial Communication Mode Select (during device initialization)
9
8
I
CS
Chip select (in SPI mode)
SCK
10
9
I
SPI clock input (SPI mode)
SPI slave out (SPI mode)
SO/SCL
11
10
I/O
I2C clock (I2C mode)
SPI slave in (SPI mode)
SI/SDA
12
11
I/O
I2C data (I2C mode)
VCORE
13
12
PWR
Regulated core supply voltage
VSS
14
13
PWR
Ground supply
NC
-
14, 16
Leave open, No connection
4
Terminal Configuration and Functions
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com