Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 17Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 18Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 19Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 20Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 21Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 22Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 23Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 24Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Enables RF field
PCD/Mobile
PICC/Dynamic Tag
Host Controller
ISO/IEC 14443B Layer 3
Handled
automatically
RF
NDEF tag application
select
RF
Handled
automatically
RF
Select file?
RF
Sets up registers for
host controller
RF
Responds based
on existence of
file
Interrupt, Then I
2C
Yes
No
Sets up Layer 4
response
I
2
C
Deselect
command sent
Read or write
needed?
No
RF
Yes
Sets up the Layer 4
read or write request
by configuring
registers or the buffer
RF
Services the
Layer 4 read or
write request
Interrupt, Then I
2
C
Formats response
into Type 4 format
Turn off RF field
RF
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.9
Typical Operation
Figure 5-6 shows typical operation of this device. Generally, on power up or reset, the host controller
initializes this device and then enables the RF. When a PCD approaches the dynamic tag, it starts by
performing the ISO14443-B anticollision sequence. This portion is handled automatically by the
RF430CL331H.
Eventually the sequence reaches the NFC Type 4 level. When the PCD issues a file select, Read Binary
or Update Binary commands, the RF430CL331H interrupts the host controller by asserting the INT0 pin to
request the necessary information or act on the information. Each type of interrupt request is detailed in
the following sections.
Figure 5-6. High-Level Flow
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com